Part Number Hot Search : 
100AT H06510B RJK2508 LM224 RER70F 1212D STP16 3LN01C
Product Description
Full Text Search
 

To Download ZFRSC-183 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Coaxial
Power Splitter/Combiner
2 Way-0 Resistive 50
Maximum Ratings
Operating Temperature Storage Temperature Power Input (as a splitter) Internal Dissipation -55C to 100C -55C to 100C 0.16W max. 0.08W max.
ZFRSC-183+
DC to 18000 MHz
Features
* very wideband, DC to 18000 MHz * very good phase unbalance, 1 deg. typ. * excellent amplitude unbalance, 0.1 dB typ. * rugged shielded case
CASE STYLE: JJJ245 Connectors Model Price Qty. SMA ZFRSC-183-S+ $79.95 ea. (1-9)
Applications
* laboratory * test set-ups
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Coaxial Connections
SUM PORT PORT 1 PORT 2 S 1 2
Electrical Specifications TAMB =25C
FREQ. RANGE (MHz)
L fL-fU DC-18000 Typ. 6.2
ISOLATION (dB)
M Typ. 6.5 U Typ. 7.0
INSERTION LOSS (dB) ABOVE 6.0 dB
L Typ. Max. 0.3 0.7 M Typ. Max. 0.7 1.25 U Typ. Max. 1.0 --
PHASE UNBALANCE (Degrees)
L Max. 4 M Max. 7 U Max. 10
AMPLITUDE UNBALANCE (dB)
L Max. 0.2 M Max. 0.5 U Max. 0.5
Outline Drawing
L = DC-6000 MHz M = 6000-12000 MHz U= 12000-18000 MHz This is a resistive power divider to enable frequency coverage from dc to the highest rated frequency. Since resistive power divider do not provide a high degree of isolation (basically isolation equals the insertion loss between ports), an amplifier such as Mini-Circuits' ZVA series is recommended when high isolation is required. Matched power rating 0.16W, internal load dissipation 0.08W.
Typical Performance Data
Frequency (MHz) Insertion Loss (dB) S-1
500.00 1000.00 2000.00 3000.00 4500.00 6000.00 7500.00 9000.00 10500.00 12000.00 13500.00 15000.00 16500.00 17000.00 18000.00 6.05 6.07 6.09 6.19 6.27 6.30 6.37 6.34 6.51 6.76 6.82 7.37 7.25 6.79 6.07
Amplitude Unbalance (dB)
0.01 0.02 0.04 0.02 0.07 0.07 0.03 0.10 0.11 0.05 0.05 0.05 0.21 0.19 0.15
Isolation (dB)
Phase Unbalance (deg.)
0.01 0.08 0.26 0.28 0.05 0.01 0.08 0.22 0.10 0.91 0.18 0.01 0.78 0.59 0.57
VSWR S
VSWR 1
VSWR 2
S-2
6.07 6.08 6.13 6.22 6.34 6.36 6.39 6.44 6.62 6.82 6.87 7.32 7.04 6.59 5.91 6.05 6.06 6.08 6.26 6.36 6.22 6.38 6.67 6.82 6.58 6.47 7.57 7.35 6.84 6.32 1.02 1.02 1.02 1.06 1.06 1.07 1.06 1.15 1.17 1.16 1.06 1.12 1.34 1.29 1.07
ZFRSC-183+ ISOLATION 9.0 ISOLATION (dB) 8.0 7.0 6.0 5.0
1.01 1.02 1.01 1.04 1.04 1.12 1.07 1.03 1.06 1.03 1.15 1.32 1.40 1.34 1.19
1.01 1.02 1.01 1.04 1.01 1.09 1.06 1.05 1.03 1.06 1.16 1.29 1.25 1.18 1.13
Outline Dimensions ( inch) mm
A B C .75 1.00 .58 19.05 25.40 14.73 D .38 9.65 E .29 7.37 F wt .35 grams 8.89 22.0
ZFRSC-183+ INSERTION LOSS 8.0 INSERTION LOSS (dB)
7.0
6.0 S-1(dB) 5.0 0 3000 6000 9000 12000 15000 18000 FREQUENCY (MHz) S-2(dB)
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
ZFRSC-183+ VSWR 1.5 #S-VSWR 1.4
VSWR
#1-VSWR
#2-VSWR
electrical schematic
1.3 1.2 1.1 1.0 0 3000 6000 9000 12000 15000 18000
EW ALL N
FREQUENCY (MHz)
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
(R)
minicircuits.com
REV. OR M114807 ZFRSC-183+ ED-13066/3 AD/CP 080107
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com


▲Up To Search▲   

 
Price & Availability of ZFRSC-183

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X